Part Number Hot Search : 
R6031025 STBN068 AH1627CI HD6321 CEM4487 PER22A AM9G450 P10N60
Product Description
Full Text Search
 

To Download 35PD10M-TO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ultra-large area ingaas p - i - n photodiode 35pd10m the 35pd10m is the largest standard ingaas detector available on the market. both circular (10 mm diameter) and square (10 mm edge length) formats are offered. standard packaging includes a hermetic to-3 header and a ceramic flat pack. custom packaging would also be available. reliability is assured by planar, dielectric- passivated design. applications include high sensitivity instrumentation and test equipment. features planar structure dielectric passivation high dynamic impedance high responsivity device characteristics: parameters test conditions typical performance units dark current -1.0v 20 m a capacitance -1.0v 3 nf responsivity 1300nm 0.9 a/w 1550nm 1.0 a/w rise time ( est. 50 ohm load ) 1.0 m s dynamic impedance 0v > 60 k ohm spectral range 850 - 1650 nm absolute maximum ratings reverse voltage 1 volt forward current 200 ma reverse current 30 ma operating temperature -40 o c to + 85 o c storage temperature -40 o c to + 85 o c soldering temperature 250 o c 829 flynn road, camarillo, ca 93012 tel(805)445-4500 fax(805)445-4502
anadigics product details for part: 35pd10m location ? products ? fiber optics ? large area ingaas photodiodes ? 35pd10m 35pd10m application: ultra-large area ingaas p-i-n photodiode description: the 35pd5m-to, an ingaas photodiode with a 5mm-diameter photosensitive packaged in a to-5 header, is designed for applications in high sensitivity instrumentation and sensing. devices are hermetically sealed. class a devices feature very low dark current and high dynamic impedance. high reliability is achieved through planar semiconductor design and dielectric-passivation. chips can also be attached and wire bonded to customer-supplied or other specified packages. features: l planar structure l dielectric passivation l 100% purge burn-in l high responsivity specifications operating voltage max - dark current -0.3v typ - responsivity 1300nm a/w typ - responsivity 1550nm ns typ 1 rise/fall typ 1 (s typ) dynamic impedance class a typ - dynamic impedance class b typ - related information download it free product information: datasheet: pd10m.pdf company - investors - products - news - careers - home the engineers room - the press room - the sales room ? anadigics 2002. read our legal notice. http://www.anadigics.com/products/details.jsp?id=114 [11/1/02 3:28:08 pm]


▲Up To Search▲   

 
Price & Availability of 35PD10M-TO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X